Part Number Hot Search : 
EFF18 UN1212 2500V 52MHZ 50502 IR2235S SFR106 2150JDV2
Product Description
Full Text Search
 

To Download KK74ACT193 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data KK74ACT193 presettable 4-bit binary up/down counter high-speed silicon-gate cmos ordering information kk 74act193n plastic kk 74act193d soic t a = -40 to 8 5 c for all packages the kk 74act193 is identical in pinout to the ls/als192, hc / h c t 192. the kk 74act193 may be used as a level converter for interfacing ttl or nmos outputs to high speed cmos inputs. the count er has t w o separat e cl ock i nput s, a c ount up c l ock and c ount down c l ock i nput s. the di rect i on of count i ng i s det e rm i n ed by whi c h i nput i s cl ocked. the out put s change st at e sy nchronous wi t h t h e low - t o -high t r ansi t i ons on t h e cl ock i nput s. thi s count er m a y be preset by ent e ri ng t h e desi red dat a on t h e p0, p1, p2, p3 i nput . w h en t h e paral l e l load i nput i s t a ken l o w t h e dat a i s l o aded i ndependent l y of ei t h er cl ock i nput . thi s feat ure al l o ws t h e count ers t o be used as devi de-by - n by m odifying the count lenght with the pr eset inputs. in addition the counter can also be cleared. this is acco m p lished by inputting a high on the m a st er r e set i nput . al l 4 i n t e rnal st ages are set t o l o w i ndependent l y of ei t h er cl ock i nput .b ot h a term i n al c ount down (tc d ) and term inal c ount up (tc u ) out put s are provi ded t o enabl e cascadi ng of bot h up and down count i ng funct i ons. the tc d out put produces a negat i v e goi ng pul se when t h e count er underfl ows and tc u out put s a pul se when t h e count er overfl ows. the count er can be cascaded by connect i ng t h e tc u and tc d out put s of one devi ce t o t h e c ount up c l ock and c ount down c l ock i nput s, respect i v el y , of t h e next devi ce. pin assignment ? ttl/nmos com p atible input levels ? outputs directly interf ace to cmos, nmos, and ttl ? operat i ng vol t a ge r a nge: 4.5 t o 5.5 v ? low input c u rrent : 1.0 a; 0.1 a @ 25 c ? out put s source/ si nk 24 m a logic diagram pin 16 =v cc pin 8 = gnd 1
KK74ACT193 maximum ratings * sym b o l p a r a m e t e r valu e un i t v cc dc suppl y vol t a ge (referenced t o gnd) -0.5 t o +7.0 v v in dc input vol t a ge (referenced t o gnd) -0.5 t o v cc +0.5 v v out dc output voltage (referenced to gnd) -0.5 to v cc +0.5 v i in dc input c u rrent , per pi n 20 ma i out dc out put si nk/ source c u rrent , per pi n 50 ma i cc dc suppl y c u rrent , v cc and gnd pins 50 ma p d po wer dissip a tio n in still air, plastic dip+ soic package+ 750 500 mw tst g st orage tem p erat ure -65 t o +150 c t l lead tem p erat ure, 1 m m from c a se for 10 seconds (plastic dip or soic package) 260 c * m a xi m u m r a t i ngs are t hose val u es bey ond whi c h dam a ge t o t h e devi ce m a y occur. functional operation should be restricted to the reco m m e nded operating conditions. +derat i ng - pl ast i c dip: - 10 m w / c from 65 t o 125 c soic package: : - 7 m w / c from 65 t o 125 c recommended operating conditions sy m bol p a r a m e t e r m i n m a x uni t v cc dc suppl y vol t a ge (referenced t o gnd) 4.5 5.5 v v in , v out dc input vol t a ge, out put vol t a ge (referenced t o gnd) 0 v cc v t j junct i on tem p erat ure (pdip) 140 c t a operating tem p erature, all package types -40 +85 c i oh out put c u rrent - hi gh -24 m a i ol out put c u rrent - low 24 m a t r , t f input r i se and fal l ti m e * (except schm itt inputs) v cc =4.5 v v cc =5.5 v 0 0 10 8.0 ns/ v * v in from 0.8 v t o 2.0 v thi s devi ce cont ai ns prot ect i on ci rcui t r y t o guard agai ns t dam a ge due t o hi gh st at i c vol t a ges or el ect ri c fi el ds. however, precautions m u st be taken to avoid applications of any voltage highe r than m a xim u m rated voltages to this hi gh-i m pedance ci rcui t . for proper operat i on, v in and v out shoul d be const r ai ned t o t h e range gnd (v in or v out ) v cc . unused i nput s m u st al way s be t i e d t o an appropri a t e l ogi c vol t a ge l e vel (e.g., ei t h er gnd or v cc ). unused out put s m u st be l e ft open. 2
KK74ACT193 dc electrical characteristics (voltages referenced to gnd) v cc guaranteed lim its sy m bol p a r a m e t e r test c ondi t i o n s v 25 c - 4 0 c to 85 c un it v ih m i ni m u m hi gh- level input vol t a ge v out =0.1 v or v cc -0.1 v 4.5 5.5 2.0 2.0 2.0 2.0 v v il m a x i mu m l o w - level input vol t a ge v out =0.1 v or v cc -0.1 v 4.5 5.5 0.8 0.8 0.8 0.8 v v oh m i ni m u m hi gh- level out put vol t a ge i out -50 a 4.5 5.5 4.4 5.4 4.4 5.4 v * v in =v ih or v il i oh =-24 m a i oh =-24 m a 4.5 5.5 3.86 4.86 3.76 4.76 v ol m a x i mu m l o w - level out put vol t a ge i out 50 a 4.5 5.5 0.1 0.1 0.1 0.1 v * v in =v ih i ol =24 m a i ol =24 m a 4.5 5.5 0.36 0.36 0.44 0.44 i in m a xi m u m input leakage current v in =v cc or gnd 5.5 0.1 1.0 a i old +min im u m dyn a m i c out put c u rrent v old =1.65 v m a x 5.5 75 m a i ohd +min im u m dyn a m i c out put c u rrent v ohd =3.85 v m i n 5.5 -75 m a i cc m a x i mu m q u i e s c e n t suppl y c u rrent (per package) v in =v cc or gnd 5.5 8 .0 80 a * al l out put s l o aded; t h reshol ds on i nput associ at ed wi t h out put under t e st . +m axi m um t e st durat i on 2.0 m s , one out put l o aded at a t i m e. function table input s m o d e m r p l cp u cp d h x x x reset(asy n . ) l l x x p r e s e t ( a s y n . ) l h h no c ount l h h c ount u p l h h c ount d o w n l h h no c ount x = don?t care the kk 74act193 is an up/down modulo- 16 b i nary c ount er. logi c equat i ons fo r term in al co u n t: tc u = q 0 ? q 1 ? q 2 ? q 3 ? cp u tc d = q 0 ? q 1 ? q 2 ? q 3 ? cp d 3
KK74ACT193 ac electrical characteristics (v cc =5.0 v 10%, c l =50pf,input t r =t f =3.0 ns) g u a r a n t e e d lim i t s sym b o l p a r a m e t e r 25 c - 4 0 c to 85 c un it min max m in max f ma x m a xi m u m c l ock frequency (fi gure 1) 100 80 m h z t plh propagat i on del a y , c p u or c p d to tc u or tc d (fi gure 2) 1 5 1 6 . 5 n s t phl propagat i on del a y , c p u or c p d to tc u or tc d (fi gure 2) 1 4 1 5 . 5 n s t plh propagat i on del a y , c p u or c p d to q n (fi gure 1) 12 13.5 ns t phl propagat i on del a y , c p u or c p d to q n (fi gure 1) 12 13.5 ns t plh propagat i on del a y , p n to q n (fi gure 3) 12 13.5 ns t phl propagat i on del a y , p n to q n (fi gure 3) 12 13.5 ns t plh propagat i on del a y , pl t o q n (fi gure 4) 12 13.5 ns t phl propagat i on del a y , pl t o q n (fi gure 4) 15 16.5 ns t phl propagat i on del a y , m r t o q n (fi gure 5) 15 16.5 ns t plh propagat i on del a y , m r t o tc u (fi gure 6) 14 15.5 ns t phl propagat i on del a y , m r t o tc d (fi gure 6) 14 15.5 ns t plh propagat i on del a y , pl t o tc u or tc d (fi gure 6) 15 16.5 ns t phl propagat i on del a y , pl t o tc u or tc d (fi gure 6) 11 12.5 ns t plh propagat i on del a y , p n to tc u or tc d (fi gure 6) 15 16.5 ns t phl propagat i on del a y , p n to tc u or tc d (fi gure 6) 15 16.5 ns c in m a xi m u m input c a paci t a nce 4.5 4.5 pf typical @25 c,v cc =5.0 v c pd power di ssi pat i on c a paci t a nce 45 pf 4
KK74ACT193 timing requirements (c l =50pf, input t r =t f =3.0 ns, v cc =5.0 v 10%) g u a r a n t e e d lim i t s sym b o l p a r a m e t e r 25 c - 4 0 c to 85 c un it t su m i n i mu m s e t u p t i me , p n t o pl (fi gure 7) 8 9 ns t h m i n i mu m h o l d t i me , p l t o p n (fi gure 7) -1.0 -1.0 ns t w m i ni m u m pul s e w i dt h, pl (fi gure 4) 14 15 ns t w m i ni m u m pul s e w i dt h, c p u or c p d (fi gure 1) 1 0 1 1 n s t w m i ni m u m pul s e w i dt h, m r (fi gure 5) 12 14 ns t rec m i n i mu m r e c o v e r y t i me , p l t o c p u or c p d (fi gure 5) 8 9 n s t rec m i n i mu m r e c o v e r y t i me , m r t o c p u or c p d (fi gure 5) 1 4 1 6 n s fi gure 1. sw i t chi n g waveforms fi gure 2. sw i t chi n g waveforms fi gure 3. sw i t chi n g waveforms fi gure 4. sw i t chi n g waveforms 5
KK74ACT193 fi gure 5. sw i t chi n g waveforms fi gure 6. sw i t chi n g waveforms fi gure 7. sw i t chi n g waveforms timing diagram 6
KK74ACT193 expanded logic diagram 7
KK74ACT193 n s u f f i x p l as t i c di p (m s - 0 0 1 b b ) sy m b o l m i n m a x a 18. 67 19. 69 b 6. 1 7 . 1 1 c 5. 33 d 0. 36 0. 56 f 1. 14 1. 78 g h j 0 10 k 2. 92 3. 81 no t e s : l 7. 62 8. 26 1. d i m e n s i o n s ?a ?, ?b ? d o n o t i n cl u d e m o l d f l as h o r p r o t r u s i o n s . m 0. 2 0 . 3 6 m a x i m u m m o l d f l a s h o r p r o t r u s i o n s 0. 25 m m ( 0 . 010) p e r s i d e . n 0. 38 d su f f i x so i c (m s - 0 1 2 a c) sy m b o l m i n m a x a 9. 8 1 0 b 3. 8 4 c 1. 35 1. 75 d 0. 33 0. 51 f 0. 4 1 . 2 7 g h j 0 8 no t e s : k 0. 1 0 . 2 5 1. d i m e n s i o ns a a n d b d o no t i n c l ud e m o l d f l a s h o r p r ot r u s i on . m 0. 19 0. 25 2. m a x i m u m m o l d f l a s h o r p r o t r u s i o n 0. 15 m m ( 0 . 006) p e r s i d e p 5. 8 6 . 2 fo r a ; fo r b ? 0. 25 m m ( 0 . 010) p e r s i d e . r 0. 25 0. 5 5. 72 2. 54 7. 62 1. 27 d i me n s i o n , mm d i me n s i o n , mm a b h c k c m j f m p g d r x 4 5 se a t i n g pl an e 0 . 25 ( 0 . 010 ) m t -t - 1 16 8 9 l h m j a b f g d se a t i n g pl a n e n k 0. 2 5 ( 0 . 010) m t -t - c 1 16 8 9 8


▲Up To Search▲   

 
Price & Availability of KK74ACT193

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X